PART |
Description |
Maker |
CY7C1350G-250BGXC CY7C1350G-166BGXI CY7C1350G-166B |
4-Mbit (128K x 36) Pipelined SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 4 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1347F-166AC CY7C1347F-166AI CY7C1347F-166BGC C |
4-Mbit (128K x 36) Pipelined Sync SRAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C1326H-133AXC CY7C1326H-133AXI CY7C1326H-166AXC |
2-Mbit (128K x 18) Pipelined Sync SRAM
|
Cypress Semiconductor
|
CY7C1340G-100AXC |
4-Mbit (128K x 32) Pipelined DCD Sync SRAM
|
Cypress
|
CY7C1350G-250BGI CY7C1350G CY7C1350G-100AXC CY7C13 |
4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture Mechanism, 2-inch wide, compact, Easy Load and platen detect Mechanism, 2-inch wide, Hi-speed, compact Easy Load Parallel Mini Interface Board with cutter controller for 6x8MCL35x Mechanism, ELM w/low profile cutter (full or partial cut) Mechanism, 2-inch wide, Hi-speed, compact, rear feed and platen detect 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 Mechanism, 2-inch wide, compact Easy Load, 3V logic 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture 128K X 36 ZBT SRAM, 4 ns, PBGA119
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
IDT709199L12PF IDT709199L12PFI IDT709199L7PF IDT70 |
From old datasheet system HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 128K x 9, Sync, Dual-Port RAM, PipeLined/FLow-Through
|
IDT[Integrated Device Technology]
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CY7C1302DV25-167BZC CY7C1302DV25-167BZI CY7C1302DV |
9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture 9-Mbit Burst of Two Pipelined SRAMs with QDR垄芒 Architecture 9-Mbit Burst of Two Pipelined SRAMs with QDR⑩ Architecture
|
Cypress Semiconductor
|
IC61SP12836 IC61SP12832 IC61SP12832-166B IC61SP128 |
100MHz; 3.3V; 128K x 36 synchronous pipelined static RAM SYNCHRONOUS STATIC RAM 128K x 32 Pipelined SyncBurst SRAM
|
ICSI[Integrated Circuit Solution Inc]
|
CY7C1386F-167BGXC CY7C1386F-167BGXI CY7C1386F-200B |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
TC55V4376FF-83 |
128K Word x 36 Bit Synchronous Pipelined Burst Static RAM(128K 瀛?36浣??姝ョ?????查???RAM)
|
Toshiba Corporation
|